Part Number Hot Search : 
48R064 GL651USB VIT3080C EE09057 11024 SP915 GL41G FSS250
Product Description
Full Text Search
 

To Download SRC1210SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRC1210SF
NPN Silicon Transistor
Descriptions
* Switching application * Interface circuit and driver circuit application
Features
* * * * With built-in bias resistors Simplify circuit design Reduce a quantity of parts and manufacturing process High packing density
Ordering Information
Type NO. SRC1210SF Marking RCA Package Code SOT-23F
Outline Dimensions
2.40.1 1.60.1
unit : mm
* Equivalent Circuit
C(OUT)
1
2.90.1 1.90 BSC
3
0.40.05
B(IN)
R1
2
0.150.05
R1 = 4.7K
E(COMMON)
0.90.1
0~0.1
PIN Connections 1. Base 2. Emitter 3. Collector
KSR-2006-001
1
SRC1210SF
Absolute maximum ratings
Characteristic
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PD TJ TSTG
Ratings
50 50 5 100 200 150 -55 ~ 150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Transition Frequency Input Resistance
(Ta=25C)
Symbol
ICBO IEBO hFE VCE(SAT) fT
*
Test Condition
VCB=50V, IE=0 VEB=5V, IC=0 VCE=5V, IC=1mA IC=10mA, IB=0.5mA VCE=10V, IC=5mA -
Min. Typ. Max.
120 0.1 250 4.7 500 500 0.3 -
Unit
nA nA V MHz K
R1
* : Characteristic of Transistor Only
Electrical Characteristic Curves
Fig. 1 hFE - IC Fig. 2 VCE(SAT) - IC
KSR-2006-001
2


▲Up To Search▲   

 
Price & Availability of SRC1210SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X